PART |
Description |
Maker |
IRD3902 IRD3909 IRD3899 IRD3912 IRD3903 IRD3900 IR |
20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES Hexfet? Power MOSFET 20 and 30 AMP Fast RECOVERY DIODES 20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES 20日和30放大器快速恢复整流二极管
|
IRF[International Rectifier] International Rectifier, Corp. Vishay Intertechnology, Inc.
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
AD841SH/883B AD841SQ/883B AD841SE/883B AD841JH AD8 |
Wideband, Unity-Gain Stable, Fast Settling Op Amp Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, MBCY12 Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CQCC20 Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CDIP14 Wideband/ Unity-Gain Stable/ Fast Settling Op Amp
|
ANALOG DEVICES INC Analog Devices, Inc.
|
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
CR16UD-02FP CR16UD-04FP CR16UD-08FP |
ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS Leaded Rectifier Ultra Fast
|
Central Semiconductor Corp.
|
LT1122D LT1122C LT1122B LT1122A LT1122 LT1122CCN8P |
High Speed and Precision Performance, JFET Input Operational Amplifier(?锋?楂????簿瀵???界?缁???烘?搴??杈??杩???惧ぇ?ī Fast Settling, JFET Input Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDIP8 High Speed and Precision Performance, JFET Input Operational Amplifier(具有高速和精密性能的结型场效应管输入运算放大器) From old datasheet system Fast Setting, JFET input Operational Amplifier
|
Linear Technology, Corp. Linear Technology Corporation
|
AD380JH AD380SH AD380LH AD380KH AD380 |
Wideband, Fast-Settling FET-Input OP Amp WIDEBAND FAST-SETTING FET-INPUT OP AMP WIDEBAND, FAST-SETTING FET-INPUT OP AMP WIDEBAND/ FAST-SETTING FET-INPUT OP AMP
|
AD[Analog Devices] Analog Devices, Inc.
|
LTC4060 LTC4060EDHC LTC4060EDHCTR 4060EFE |
Standalone Linear NiMH/NiCd Fast Battery Charger; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Linear Integrated Syste... Linear Technology, Corp.
|
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
1F7 1A7 1A5 1A1 1A6 1F5 |
1.0 AMP FAST RECOVERY RECTIFIERS 1.0 AMP SILICON RECTIFIERS 1.0 AMP FAST RECOVERY RECTIFIERS
|
UNIOHM CORPORATION
|